Part Number Hot Search : 
VAA13F1 80C32X2 AD8320 B260005 2SB703 2SB703 VSN182M AP1306SL
Product Description
Full Text Search
 

To Download MASW-007221-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Features
* * * * * * * * Low Insertion Loss: < 0.3 dB @ 900 MHz Low Power Consumption: < 15 A @ -2.3 Volts Positive or Negative 2.3 to 8 Volt Control Lead-Free SC-70 (SOT-363) Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant version of SW-456
MASW-007221 V1
Functional Schematic: Positive Control Voltage
PIN 1 RF1 1000 pF GND RFC 1000 pF RF2 VCTL2 VCTL1
Description
M/A-COM's MASW-007221 is a GaAs monolithic switch in a lead-free SC-70 (SOT-363) surface mount plastic package. The MASW-007221 is ideally suited for applications where very low power consumption, low insertion loss, very small size, and low cost are required. Typical applications are in dual band systems where switching between small signal components is required, i.e. filter banks, single-band LNA's, converters, etc. The MASW-007221 can be used in applications up to 0.25 watts in systems such as cellular, PCS, DCS1800, GSM, CDMA, W-CDMA and other analog / digital wireless communication systems. The MASW-007221 is fabricated using a mature 0.5 micron PHEMT process. The process features full passivation for performance and reliability.
1000 pF
Functional Schematic: Negative Control Voltage
PIN 1 RF1 VCTL1
GND
RFC
RF2
VCTL2
Pin Configuration
PIN
1 2 3 4 5 6
Function
RF1 GND RF2 VCTL2 RFC VCTL1
Description
RF In/Out RF Ground RF In/Out Voltage Control 2 RF Common Voltage Control 1
Ordering Information 1
Part Number
MASW-007221-000000 MASW-007221-TR3000
Package
Bulk Packaging 3000 piece reel
Absolute Maximum Ratings 2,3
Parameter
Input Power (0.5 - 3.0 GHz) 3 V Control 5 V Control Operating Voltage Operating Temperature Storage Temperature 2. 3.
Absolute Maximum
+30 dBm +33 dBm +8.5 volts -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information.
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz MASW-007221 V1
Electrical Specifications: TA = 25C, VCTL = 0, -2.3 volts (unless otherwise specified) , Z0 = 50 4
Parameter
Insertion Loss 5
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 3 GHz 500 MHz - 3 GHz 500 MHz - 3 GHz 2-Tone 900 MHz, 5 MHz spacing (3.0 V) 2-Tone 900 MHz, 5 MHz spacing (3.0 V) 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, Control to 10% RF In-Band VCTL = -2.3 V
Units
dB dB dB dB dB dB Ratio dBm dBm dBm dBm ns ns mV A
Min.
-- -- -- 20 15 10 -- -- -- -- -- -- -- -- --
Typ.
0.35 0.45 0.56 22 17 12 1.2:1 21 27 81 52 25 25 25 4
Max.
0.5 0.6 0.8 -- -- -- 1.4:1 -- -- -- -- -- -- -- 15
Isolation
VSWR P1dB (2.3V supply) P1dB (3V supply) Input IP2 Input IP3 Trise, Tfall Ton, Toff Transients Control Current 4. 5.
External DC blocking capacitors are required on all RF ports when using positive voltage control. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Truth Table
Mode (Control)
Positive 6
Lead-Free SC-70 (SOT-363)
V1 V2
+2.3 to +8 V 0 0.2 V -2.3 V to -8 V 0 0.2 V
RFC RF1
Off On On Off
RFC RF2
On Off Off On
0 0.2 V +2.3 to +8 V
Negative
7
0 0.2 V -2.3 V to -8 V
6.
7.
External DC blocking capacitors are required on all RF ports. 1000 pF capacitors used for positive control voltage. For higher frequency operation, smaller value DC blocking capacitors can be substituted. If negative control is used, DC blocking capacitors are not required on RF ports.
Qualification
Qualified to M/A-COM Process Flow -2. specification REL-201,
Handling Procedures
Please observe the following precautions to avoid damage:
Reference Application Note M538 for lead-free solder reflow recommendations.
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss vs. Frequency Over Temperature VSWR Over Temperature
MASW-007221 V1
0.0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 +25C -40C +85C
2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.0 -40C 0.5 1.0 1.5 2.0 2.5 3.0 +85C +25C
FREQUENCY (GHz)
FREQUENCY (GHz)
Isolation vs. Frequency Over Temperature
Insertion Loss vs. Frequency (+2.3 V Control, 1000 pF Capacitor on RF Ports)
0.0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0
-10.0 -15.0 -20.0 -25.0 -30.0 -35.0 -40.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
FREQUENCY (GHz)
FREQUENCY (GHz)
Isolation vs. Frequency (+2.3 V Control, 1000 pF Capacitor on RF Ports)
-10.0 -15.0 -20.0 -25.0 -30.0 -35.0 -40.0 -45.0 -50.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
VSWR vs. Frequency (+2.3 V Control, 1000 pF Capacitor on RF Ports)
2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
FREQUENCY (GHz)
FREQUENCY (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-007221-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X